Part Number Hot Search : 
1N4971C U4065B XF001 A471J X0404NF RCB0610 8062M U05NH44
Product Description
Full Text Search
 

To Download V23047-A1024-A501 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Purpose Relays
SCHRACK
Safety Relay SR2M
n n n n
2 pole safety relay with either 1NO+1NC or 2CO contacts Forcibly guided contacts according to EN 50205 Rated current 6 A 6 kV surge resistance between poles
Applications Emergency shut-off, machine control, elevator and escalator control, light barrier control
F0188-D
Approvals
V REG.-Nr.of116064, Z request T 968/EZ 111.03/05 E214024, Technical data approved types on
Contact data
Contact configuration 1 NO contact and 1 NC contact or 2 CO contacts1) Contact set single contact, forcibly guided 1 NC + 1NO: type A according to EN 50205 2 CO: type B according to EN 50205 Type of interruption micro disconnection Rated voltage / max. switching voltage AC 250 / 400 VAC Rated current 6A Maximum breaking capacity AC 1500 VA Contact material AgNi Minimum contact load 10 mA / 5 V Contact resistance w 100 mOhm / 1 A / 24 VDC w 20 Ohm / 10 mA / 5 VDC Rated frequency of operation with / without load 6 min-1 / 300 min-1
1)
According EN50205 only 1NO / 1NC (11-14 and 22-21 or 12-11 and 21-24) shall be used as forcibly guided contacts.
Contact ratings Type UL 508 V23047-A1...-A501 V23047-A1...-A501 V23047-A1...-A511 V23047-A1...-A511
*) load on one pole
Contact 1 1 1 1 NO NO NO NO
Load*) B300 R300 B300 R300 pilot pilot pilot pilot duty duty duty duty
Ambient temp. [C] 40C 40C 40C 40C
Cycles 6x103 6x103 6x103 6x103
Coil data
Rated coil voltage range DC coil Operative range to IEC 61810 Coil versions, DC-coil Coil Rated code voltage VDC 005 5 006 6 009 9 012 12 015 15 018 18 021 21 024 24 036 36 Operate voltage VDC 3.8 4.5 6.8 9.0 11.3 13.5 15.8 18.0 27.0 Release voltage VDC 0.5 0.6 0.9 1.2 1.5 1.8 2.1 2.4 3.6 5...110 VDC 2 Coil resistance Ohm 35,7+10% 51+10% 116+10% 206+10% 321+10% 483+10% 630+10% 823+10% 1851+10% Rated coil power mW 700 706 698 699 700 671 700 700 700
1
Datasheet Rev. IJ1 Issued 2009/10 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' section in the catalogue or at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
SCHRACK
Safety Relay SR2M (Continued)
Coil versions, DC-coil (continued) Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ohm mW 040 40 30.0 4.0 2286+10% 700 048 48 36.0 4.8 3291+12% 700 060 60 45.0 6.0 5142+12% 700 080 80 64.0 8.5 9143+12% 700 110 110 82.5 11.0 17285+12% 700 All figures are given for coil without preenergization, at ambient temperature +23C Other coil voltages on request
PCB layout / terminal assignment
Bottom view on solder pins
2 CO contacts
Insulation
Dielectric strength coil-contact circuit open contact circuit adjacent contact circuits Clearance / creepage coil-contact circuit adjacent contact circuits Material group of insulation parts Tracking index of relay base Insulation to IEC 61810-1 Type of insulation coil-contact circuit open contact circuit adjacent contact circuits Rated insulation voltage Pollution degree Rated voltage system Overvoltage category Insulation to EN 50178 Type of insulation coil-contact circuit adjacent contact circuits 4000 Vrms 1500 Vrms 3000 Vrms W 8 / 8 mm W 5.5 / 5.5 mm IIIa PTI 250 reinforced micro disconnection basic 250 V 2 230 / 400 V III reinforced reinforced
S0163-CO
S0163-BJ
1 NO and 1 NC contacts
Other data
Mechanical endurance 10x106 cycles Material RoHS - Directive 2002/95/EC compliant as per product date code 0407 Environment Ambient temperature range -25...+70 C Vibration resistance (function) NO / NC contact > 10 / 2.5 g, 15....200 Hz Shock resistance (function) NO / NC contact > 10 / 5 g, 11 ms half sine Category of protection RT III2) Processing Resistance to soldering heat 260C / 5 s Relay weight 20 g Packaging unit 20 pcs
2
S0163_CU
) please contact technical support for washing parameters
S0163-CV
Dimensions
S0273-BB
2
Datasheet Rev. IJ1 Issued 2009/10 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' section in the catalogue or at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
SCHRACK
Safety Relay SR2M (Continued)
Product key
Type
Typical product key
V23047
-A1
012
-A
5
11
V23047 Safety Relay SR2M Version A1 standard Coil Coil code = rated coil voltage (e.g. 024=24 VDC) Contact set A single contact Contact material 5 AgNi Contact configuration 01 2 CO contacts (2 form C) 11 1 NO and 1 NC contact (1 form A + 1 form B) Other types on request
Product key V23047-A1005-A501 V23047-A1005-A511 V23047-A1006-A501 V23047-A1006-A511 V23047-A1009-A501 V23047-A1009-A511 V23047-A1012-A501 V23047-A1012-A511 V23047-A1018-A501 V23047-A1018-A511 V23047-A1021-A501 V23047-A1021-A511 V23047-A1024-A501 V23047-A1024-A511 V23047-A1036-A501 V23047-A1036-A511 V23047-A1040-A501 V23047-A1040-A511 V23047-A1048-A501 V23047-A1048-A511 V23047-A1060-A511 V23047-A1110-A511
Version standard wash tight
Contact material AgNi
Configuration 2 CO contacts 1 NO + 1 NC 2 CO contacts 1 NO + 1 NC 2 CO contacts 1 NO + 1 NC 2 CO contacts 1 NO + 1 NC 2 CO contacts 1 NO + 1 NC 2 CO contacts 1 NO + 1 NC 2 CO contacts 1 NO + 1 NC 2 CO contacts 1 NO + 1 NC 2 CO contacts 1 NO + 1 NC 2 CO contacts 1 NO + 1 NC
Coil 5 VDC 6 VDC 9 VDC 12 VDC 18 VDC 21 VDC 24 VDC 36 VDC 40 VDC 48 VDC 60 VDC 110 VDC
Part number 1393258-2 7-1415006-1 3-1415011-1 6-1415011-1 1393258-3 7-1415011-1 1393258-4 1393258-5 1393258-8 1393258-9 1-1393258-1 1-1393258-2 1-1393258-5 1-1393258-7 2-1393258-0 8-1415011-1 2-1393258-1 2-1393258-2 3-1415006-1 9-1415011-1 2-1393258-3 2-1415012-1
3
Datasheet Rev. IJ1 Issued 2009/10 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' section in the catalogue or at schrackrelays.com in the `Schrack' section. Specifications subject to change.


▲Up To Search▲   

 
Price & Availability of V23047-A1024-A501

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X